Part Number Hot Search : 
4HC374A IRFB4 B59T705 BU804 20BFH CA2902E 47C101P MUR10
Product Description
Full Text Search
 

To Download 2SC4617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ON Semiconductort
NPN Silicon General Purpose Amplifier Transistor
This NPN transistor is designed for general purpose amplifier applications. This device is housed in the SOT-416/SC-90 package which is designed for low power surface mount applications, where board space is at a premium. * Reduces Board Space * High hFE, 210-460 (typical) * Low VCE(sat), < 0.5 V * Available in 8 mm, 7-inch/3000 Unit Tape and Reel
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V(BR)CBO V(BR)CEO V(BR)EBO IC Value 50 50 5.0 100 Unit Vdc Vdc Vdc mAdc
2SC4617
NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
3 2 1
CASE 463-01, STYLE 1 SOT-416/SC-90
DEVICE MARKING
2SC4617 = B9
COLLECTOR 3
THERMAL CHARACTERISTICS
Rating Power Dissipation(1) Junction Temperature Storage Temperature Range Symbol PD TJ Tstg Max 125 150 -55 ~ +150 Unit mW C C 1 BASE 2 EMITTER
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Collector-Base Breakdown Voltage (IC = 50 Adc, IE = 0) Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0) Emitter-Base Breakdown Voltage (IE = 50 Adc, IE = 0) Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0) Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0) Collector-Emitter Saturation Voltage(2) (IC = 60 mAdc, IB = 5.0 mAdc) DC Current Gain(2) (VCE = 6.0 Vdc, IC = 1.0 mAdc) Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz) Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1 MHz) Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) -- hFE 120 fT COB -- -- -- 180 2.0 560 -- -- MHz pF -- 0.4 -- Min 50 50 5.0 -- -- Typ -- -- -- -- -- Max -- -- -- 0.5 0.5 Unit Vdc Vdc Vdc A A Vdc
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint. 2. Pulse Test: Pulse Width 300 s, D.C. 2%.
(c) Semiconductor Components Industries, LLC, 2001
1
November, 2001 - Rev. 3
Publication Order Number: 2SC4617/D
2SC4617
TYPICAL ELECTRICAL CHARACTERISTICS
60 IC, COLLECTOR CURRENT (mA) 50 40 30 20 10 0 0 2 4 6 VCE, COLLECTOR VOLTAGE (V) TA = 25C 160 A 140 A DC CURRENT GAIN 120 A 100 A 80 A 60 A 40 A IB = 20 A 8 10 0.1 1 10 100 IC, COLLECTOR CURRENT (mA) TA = 75C TA = -25C 100 1000 TA = 25C VCE = 10 V
Figure 1. IC - VCE
2 TA = 25C COLLECTOR VOLTAGE (mV) 1.5 900 800 700 600 500 400 300 200 100 0 0.01 0.1 1 IB, BASE CURRENT (mA) 10 100 0 0.2 0.5 1
Figure 2. DC Current Gain
VCE , COLLECTOR EMITTER VOLTAGE (V)
1
0.5
TA = 25C VCE = 5 V
5
10
20
40
60
80
100
150 200
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
20 Cib, INPUT CAPACITANCE (pF) 18 16 14 12 10 7 6 Cob, CAPACITANCE (pF) 5 4 3 2 0 1 2 VEB (V) 3 4 1 0
Figure 4. On Voltage
10
20 VCB (V)
30
40
Figure 5. Capacitance
Figure 6. Capacitance
http://onsemi.com
2
2SC4617
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
Unit: mm
0.5 min. (3x)
1.4
SOT-416/SC-90 POWER DISSIPATION The power dissipation of the SOT-416/SC-90 is a function of the pad size. This can vary from the minimum pad size for soldering to the pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient; and the operating temperature, TA. Using the values provided on the data sheet, PD can be calculated as follows.
PD = TJ(max) - TA RJA
the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 125 milliwatts.
PD = 150C - 25C 833C/W = 150 milliwatts
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into
The 833C/W assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 150 milliwatts. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, a higher power dissipation can be achieved using the same footprint.
SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference should be a maximum of 10C.
* The soldering temperature and time should not exceed
260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient should be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
http://onsemi.com
3
1
TYPICAL SOLDERING PATTERN
EEE EEE EEE EEE EEE EEE EEE EEE EEE
0.5 min. (3x)
0.5
2SC4617
SOLDER STENCIL GUIDELINES Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. A solder stencil is required to screen the optimum amount of solder paste onto the footprint. The stencil is made of brass or stainless steel with a typical thickness of 0.008 inches. The stencil opening size for the surface mounted package should be the same as the pad size on the printed circuit board, i.e., a 1:1 registration.
TYPICAL SOLDER HEATING PROFILE For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 7 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177-189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 RAMP" 200C
STEP 2 STEP 3 VENT HEATING SOAK" ZONES 2 & 5 RAMP"
STEP 5 STEP 4 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 SPIKE" SOAK" 170C 160C
STEP 6 STEP 7 VENT COOLING 205 TO 219C PEAK AT SOLDER JOINT
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
150C
100C 100C
140C
SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
50C
DESIRED CURVE FOR LOW MASS ASSEMBLIES
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 7. Typical Solder Heating Profile
http://onsemi.com
4
2SC4617
PACKAGE DIMENSIONS SC-75 (SC-90, SOT-416) CASE 463-01 ISSUE B
-A- S
2 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. DIM A B C D G H J K L S MILLIMETERS MIN MAX 0.70 0.80 1.40 1.80 0.60 0.90 0.15 0.30 1.00 BSC --0.10 0.10 0.25 1.45 1.75 0.10 0.20 0.50 BSC INCHES MIN MAX 0.028 0.031 0.055 0.071 0.024 0.035 0.006 0.012 0.039 BSC --0.004 0.004 0.010 0.057 0.069 0.004 0.008 0.020 BSC
G -B-
1
D 3 PL 0.20 (0.008)
M
B K
0.20 (0.008) A
J
C L H
STYLE 1: PIN 1. BASE 2. EMITTER 3. COLLECTOR
http://onsemi.com
5
2SC4617
Notes
http://onsemi.com
6
2SC4617
Notes
http://onsemi.com
7
2SC4617
Thermal Clad is a trademark of the Bergquist Company.
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
2SC4617/D


▲Up To Search▲   

 
Price & Availability of 2SC4617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X